PART |
Description |
Maker |
AS3643 |
1300mA High Current LED Flash Driver
|
austriamicrosystems AG
|
AS3648-ZWLT |
2000mA High Current LED Flash Driver
|
austriamicrosystems AG
|
AAT3170IWP-T1 AAT3170 |
High Current LED Flash Driver Charge Pump IC
|
ANALOGICTECH[Advanced Analogic Technologies]
|
AAT3172 AAT317208 |
High Current LED Flash Driver Charge Pump IC
|
Advanced Analogic Technologies
|
ULN2004L ULQ2004L 2003 ULN2023A ULN2023L ULN2024A |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces 高电压,大电流达林顿阵列 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces HIGH-VOLTAGE/HIGH-CURRENTDARLINGTONARRAYS HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS HIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 7-Channel High-Current Darlington Array High-Voltage, High-Current Darlington Arrays(杈???靛?95V锛??浜???靛钩?昏??佃矾??????澶?????璐?浇?寸??ュ???????澶х?娴?揪??】?靛?) HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
|
NetPower Technologies, Inc. Allegro MicroSystems, Inc. AllegroMicroSystems ALLEGRO[Allegro MicroSystems]
|
LOPT672-KN LOPT672-L LOPT672-LP LOPT672-M LOPT672- |
Header; No. of Contacts:11; Pitch Spacing:1.25mm; No. of Rows:1; Series:53048; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes DSUB 15 F WW2 G Super Multi TOPLED High-Current LED DUAL COLOR LED, ORANGE/GREEN, 2.4 mm Super Multi TOPLED High-Current LED DUAL COLOR LED, ORANGE/PURE GREEN, 2.4 mm Shielded Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes DUAL COLOR LED, ORANGE/YELLOW, 2.4 mm Super Multi TOPLED High-Current LED DUAL COLOR LED, SUPER RED/PURE GREEN, 2.4 mm Connector assemblies DUAL COLOR LED, YELLOW/PURE GREEN, 2.4 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG SIEMENS A G
|
Q62703-Q2883 Q62703-Q2536 Q62703-Q2885 LGGT672-NO |
Yellow/yellow multi TOPLED Super Multi TOPLED High-Current LED 超级多TOPLED高电流LED Super Multi TOPLED High-Current LED SINGLE COLOR LED, PURE GREEN, 2.4 mm
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MAX16834 MAX16834ATP_V MAX16834AUP_V MAX16834ATP/V |
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
|
Maxim Integrated Products Maxim Integrated Produc...
|
MIC3203 MIC3203-1YM MIC3203YM |
LED DISPLAY DRIVER, PDSO6 High-Brightness LED Driver Controller with High-Side Current Sense
|
MICREL INC Micrel Semiconductor
|
AT49F080 AT49F080-12CC AT49F080-12CI AT49F080-12RC |
8-Megabit 1M x 8 5-volt Only Flash Memory 1M X 8 FLASH 5V PROM, 120 ns, PDSO40 8-Megabit (1M x 8) 5-volt ohly flash memory, 50mA active current, 0.3mA standbgy current
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MBM29LV400BC-12PCV MBM29LV400BC-12PF MBM29LV400BC- |
4M (512K X 8/256K X 16) BIT 256K X 16 FLASH 3V PROM, 90 ns, PBGA48 4M (512K X 8/256K X 16) BIT 256K X 16 FLASH 3V PROM, 70 ns, PDSO48 LED Lamp; LED Color:Blue; Luminous Intensity:85mcd; Viewing Angle:120 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LED Lamp; Bulb Size:1.8mm; LED Color:Yellow; Luminous Intensity:625ucd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to C; Color:Yellow; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Fujitsu, Ltd. Fujitsu Limited http:// Fujitsu Component Limited. Fujitsu Component Limit...
|
MIC3202YME MIC3202-1YME |
High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
|
Micrel Semiconductor
|